Part Number Hot Search : 
560M20 560M20 MAX17 TFS70H13 DT74ALV 2805S 74HC4011 IRFR410
Product Description
Full Text Search
 

To Download NJL71H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJL71H/71V/72H/73H/74H000
INFRARED REMOTE CONTROL RECEIVER
s GENERAL DESCRIPTION
The NJL70H/V000 series are small and high performance receiving devices for infrared remote control system. They can operate under low and wide supply voltage (2.4V to 5.4V). Also, their supply current is low comparing to the NJL60H/V000 and NJL80H/V000. The features, low and wide supply voltage, low supply current are suitable for battery operated items
s FEATURES 1. Wide and low supply voltage 2.4V to 5.5V 2. Low supply current 0.6mA max. 3. Mold type and metal case type to meet the design of front panel. 4. Line-up for various center carrier frequencies. s APPLICATIONS
1. AV instruments such as Audio, TV, VCR, CD, MD etc. 2. Home application such as Air-conditioner, Fan etc. 3. Battery operated instruments such as Toy, Camera etc.
s LINE-UP
Mold/Metal case View Hight Mold type Top Side Metal Case type Top 11mm NJL73H360 NJL73H367 NJL73H380 NJL73H400 15mm NJL74H360 NJL74H367 NJL74H380 NJL74H400
Carrier 5.4mm 6.3mm 8mm Frequency fo= 36 kHz NJL71H360 NJL71V360 NJL72H360 36.7 kHz NJL71H367 NJL71V367 NJL72H367 38 kHz NJL71H380 NJL71V380 NJL72H380 40 kHz NJL71H400 NJL71V400 NJL72H400 Regarding other frequency or packages, please contact to New JRC individually.
s BLOCK DIAGRAM
Vcc
Head Amp
2nd Amp
3rd Amp
Comparator
22K Vout
B.P.F. PD ABLC
Detector
GND
s ABSOLUTE MAXIMUM RATINGS (Ta=25C)
PARAMETER Supply Voltage Operating Temperature Range Storage Temperature Range Soldering Temperature SYMBOL Vcc Topr Tstg Tsol RATINGS 6.3 -20 to +75 -40 to +85 260 (5sec. 4.0mm from mold body) UNIT V C C C
-1-
NJL71H/71V/72H/73H/74H000
s RECOMMENDED OPERATING CONDITION
Supply Voltage Range Vcc 2.4 V to 5.5V
s ELECTRO-OPTICAL CHARACTERISTICS (Vcc=3.3V, Ta=25C)
PARAMETER Supply Current Transmission Distance Directivity Output Voltage Low Output Voltage High Low Level Pulse Width High Level Pulse Width Center Frequency SYMBOL Icc Lc L V VL VH TwL TwH fo TEST CONDITION No Signal Input Direction of Ray Axis *1 Angle of half Lc, Horizontal *2 Angle of half Lc, Vertical *2 No Load No Load See Test Circuit See Test Circuit See Line-up MIN
-- 8 -- -- -- 2.8 350 400 36.0
TYP 0.43 16 45 30 0.2 -- -- -- --
MAX 0.6
-- -- -- 0.5 -- 800 850 40.0
UNIT mA m deg deg V V s s kHz
Note *1:Test with each center carrier frequency under the test condition shown below. *2:Place major axis of elliptic lens in horizontal direction and minor vertical.
s TEST METHOD
Test condition in as follows: (1) Standard transmitter: Transmitting waveform is shown in Fig.1 Transmitting power should be adjusted so that output voltage Vout will be 400mVp-p.(Test circuit is shown in Fig.2) Regarding IR LED used for transmitter, p=940nm, =50nm. Regarding photo diode, Sensitivity S=26nA/Lx in case light source temperature2856K, Ee=100Lx, VR=5V (2) Test system: Shown in Fig.3.
100K
SENSING DISTANCE : L
IR TRANSMITTER OUTPUT WAVE FORM
Carrier frequency is adjusted to center frequency of each product
600us
600us
VH
OUTPUT PULSE OF DEVICE
TWL
TWH
VL
Fig.1 TRANSMITTER WAVE FORM
20cm
10K 4.9 - 5.1V + -
Vout
Vcc
OUT
STANDARD TRANSMITTER
Vout
Fig.2 STD.TRANSMITTER TEST CIRCUIT
GND
Fig.3 TEST SYSTEM
-2-
NJL71H/71V/72H/73H/74H000
s TYPICAL CHARACTRISTICS
Spectral Response (Ta=25C)
100 90 100 90
Directivity (Ta=25)
Relative Responsibirity (%)
80 70 60 50 40 30 20 10 0 600 700 800 900 1000 1100
Relative Transmission Distance (%)
80 70 60 50 40 30 20 10 0 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60
Wavelength (nm)
Angle (deg)
Horizontal Vertical
Output Pulse Width vs. Distance (Input Pulse Width=600s, Vcc=3.3V, Ta=25)
Output Pulse Width TwL (s)
850 750 650 550 450 350 0 2 4 6 8 10 12 14 16 18
Transmission Distance vs. Supply Voltage (Ta=25C)
20
Transmision Distance Lc (m)
18 16 14 12 10 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Transmission Distance Lc (m)
Supply Voltage Vcc (V)
Transmission Distance vs.Carrier Frequency (Vcc=3.3V, Ta=25C)
100 90 80 70 60 50 24 26 28 30 32 34 36 38 40 42 44 46 48 50
Transmission Distance vs. Temperature (Vcc=3.3V) Transmission Distance Lc (m)
20 18 16 14 12 10 8
-40 -20 0 20 40 60 80 100
Relative Distance (%)
Carrier Frequency (kHz)
fo=36kHz
fo=40kHz
Ambient temperature Ta (
-3-
NJL71H/71V/72H/73H/74H000
s RECOMMENDED APPLICATION CIRCUIT
1 : OUT 2 : GND 3 : Vcc
47
12
3
47uF Vcc
RC Filter should be connected closely between Vcc pin and GND pin.
s OUTLINE
5.4 6.2 2.2 3.2 6.2 5.4 2.2 3.2
2.6
7.3
4.7
7.3
0.4
1.6
2.5
1.6
4.7
2.6
0.5 2.54 2.54
1.0 0.5
16.50.5
2.2
4.0
2.2 1.0
0.4
1 : OUT 2 : GND 3 : Vcc 123
2.54 2.54
123
1 : OUT 2 : GND 3 : Vcc
NJL71H000 UNIT:mm
5.4 6.2 2.2 3.2
NJL71V000 UNIT:mm
7.3
4.7
2.6
0.5 2.54 2.54
1.6
2.2 1.0 13.1
1 : OUT 2 : GND 3 : Vcc
123
NJL71H000F3 UNIT:mm
-4-
0.4
2.5
NJL71H/71V/72H/73H/74H000
8.0 7.0 3.0 1.9 6.1 3.5 3.5 7.0 3.0 1.9
11.0 9.1 3.5 3.5 10.2
8.0
10.2
8.0
2.0
0.4
2.54 0.3
2.54
1 : OUT 2 : GND 3 : Vcc
2.5
(9.6)
2.54 2.54 0.3
1 : OUT 2 : GND 3 : Vcc
2.5
(12.6)
8.2
8.2
0.5
6.7
0.4
2.0 1.3
0.5
2.0
123
2.54
2.54
3 - 0.8 1.3
PCB Pattern
123
2.54 2.54
PCB Pattern
NJL72H000 UNIT:mm
NJL73H000 UNIT:mm
15.0 7.0 3.0 1.9 13.1 3.5
8.0
10.2
2.54 2.54 0.3
1 : OUT 2 : GND 3 : Vcc
2.5
(16.6)
8.2
2.0 0.5 2.54 2.54
6.7
0.4
3 - 0.8
2.0
3.5
PCB Pattern
1.3
123
1. Tolerance is 0.3mm unless otherwise noted. 2. Ground metal case on PCB. Metal case is not connected to GND pin inside.
NJL74H000 UNIT:mm
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
6.7 3 - 0.8
2.0
-5-


▲Up To Search▲   

 
Price & Availability of NJL71H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X